PART |
Description |
Maker |
LTC4054LES5-4.2PBF LTC4054L-4.2-15 |
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
|
LINEAR TECHNOLOGY CORP
|
STEVAL-ISV005V1 |
250 W solar battery charger based on PV voltage-boost controller SPV1020, bypass diode SPV1001N and CC-CV controller SEA05
|
STMicroelectronics
|
LTC4101 LTC4101EG |
Smart Battery Charger Controller
|
Linear Technology
|
LT1513-2IT7PBF LT1513-2IRTRPBF LT1513-2CT7 LT1513- |
SEPIC Constant- or Programmable-Current/Constant-Voltage Battery Charger; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C 5.4 A BATTERY CHARGE CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PZFM7 SEPIC Constant- or Programmable-Current/Constant-Voltage Battery Charger; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 5.4 A BATTERY CHARGE CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PSSO7 SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. Linear Dimensions Semiconductor
|
LTC1731-8.4 LTC1731-8.2 LTC1731-8.2-15 LTC1731EMS8 |
1A Lithium-Ion Linear Battery Charger Controller
|
Linear Technology
|
SE3900 |
Low Power PWM Controller for OFF-LINE Battery Charger
|
Seaward Electronics Inc.
|
ISL6251A |
Low Cost Multi Chemistry Battery Charger Controller
|
Intersil Corporation
|
AP3700ZTR-E1 AP3700ZTR-G1 AP3700A |
LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
|
Diodes
|
MCP73826 MCP73826-4.1VCHTR MCP73826-4.2VCHTR |
Single Cell Lithium-Ion Charge Management Controller The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging ... The MCP73826 is a battery charger controller for single cell Li-Ion batteries. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. An overall system accuracy of 1% ensures that the cell capaci
|
Microchip Technology
|
LTC4015 |
Multichemistry Buck Battery Charger Controller with Digital Telemetry System
|
Linear Technology
|